PART |
Description |
Maker |
AA016A AA025A AA06A AA010A AA032A |
FUSE 16A HRC FUSE 25A HRC FUSE 6A HRC FUSE 10A HRC 保险0A条人权委员会 FUSE 32A HRC
|
Cooper Bussmann, Inc.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS |
ELECTRIC FUSE, 100A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 175A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 60A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Mersen
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
221 215.200 215.250 215.315 215.400 215.500 215.63 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
|
LITTELFUSE[Littelfuse]
|
01530007LXN 01530007Z 01530008LXN 01530009Z 015300 |
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
|
Littelfuse
|
0997010 099707.5 0997020 0997025 0997002 0997003 0 |
MINI? Blade Fuse Fuse Rated 58V MINI㈢ Blade Fuse Fuse Rated 58V
|
Littelfuse
|
218005P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
http://
|
215630 215500 215800 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|
215630P |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|
|